Part Number Hot Search : 
SGM8062 D1163A 1N628 140G2AR KRH10A20 10DDA20 R6221455 OPI1264A
Product Description
Full Text Search
 

To Download HB320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLUE HIGH FLUX LED
HB320
Technical Datasheet
This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This package LEDs are designed for high current operation and high flux output application. But the package's design features better thermal management characteristics than other LED solutions. Because of these advantages, this product have many applications. Such as automotive tail, stop and turn signal lamps, and electronic signs etc. Application
* Automotive exterior lighting * Electronic signs and signals * Channel letter / lighting * Decorative lighting * Specialty Lighting
Features
* High flux output and high luminance * Designed for high current operation * Uniform color * Low profile and low thermal resistance * Packaged in tubes for use with automatic insertion equipment
-1-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Outline Dimensions
HB320
Unit : mm
CHAMFER 1.25 X 1.25
CATHODE 7.62 0.5 ANODE 7.62 0.5
5.0
3 0.2
1.4
4.4 2.5 0.5 1.4 MAX 0.4 0.2 1.50.2 0.5 0.76 0.1 5.08 0.2 5.08 0.3
Notes : Protruded epoxy is 1.4mm maximum.
-2-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
7.5 0.5
BLUE HIGH FLUX LED
Electro-Optical Characteristics ( Ta = 25C, IF=40mA )
Item Luminous Flux [1] Luminous Intensity Dominant Wavelength[3] Forward Voltage[4] View Angle Thermal Resistance Optical Efficiency Reverse Current (at VR = 5V) Symbol V[2] IV Value Min. 0.7 464 Typ. 1.4 850 470 3.8 60 200 9 5 Max. 476 4.4
HB320
Unit lm mcd nm V deg. C /W lm/W
d
VF 2 1/2 RJ-A
opt
IR
A
Absolute Maximum Ratings ( Ta = 25C )
Item DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature Symbol IF IFP [5] VR PD Topr Tstg TS Value 40 100 5 176 -30 ~ 85 -40 ~ 100 260C for 5second [6] Unit mA mA V mW C C C
Notes : [1] SSC maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of 0.5nm for dominant wavelength [4] A tolerance of 0.05V on forward voltage measurements [5] t 0.1ms, D = 1/10 [6] No closer than 1.5mm from the base of the stopper.
-3-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Reliability Tests
Item
Life Test High Temperature Operating Low Temperature Operating Thermal Shock Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
HB320
Condition
Ta = RT, IF = 40mA Ta = 85C, IF = 10mA Ta = -30C, IF = 40mA Ta = -40C (15min) ~ 100 (15min) (Transfer time : 10sec, 1Cycle = 30min) Ts = 255 5C, t = 4 1sec 1kV, 1.5k ; 100pF Ta = 100C Ta = -40C Ta = 85C, RH = 85% Ta = 85C, RH = 85%, IF = 10mA
Note
1000hrs 1000hrs 1000hrs 100 cycles 1 time 1 time 1000hrs 1000hrs 1000hrs 500hrs
Failures
0/22 0/22 0/22 0/40 0/22 0/22 0/22 0/22 0/22 0/22
< Judging Criteria For Reliability Tests >
VF IR V
Notes : [1] USL : Upper Standard Level [2] LSL : Lower Standard Level.
USL[1] X 1.2 USL X 2.0 LSL [2] X 0.5
-4-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Characteristic Diagrams
Ta= 25C
100
HB320
2.0
Ta= 25C
Relative Luminous Flux
Forward Current(mA)
1.5
10
1.0
0.5
1
0.0
0 20 40 60 80 100
2.2
3.0
3.8
4.6
5.4
Forward Voltage [V]
Forward Current [mA]
Forward Voltage vs. Forward Current
Forward Current vs. Relative Flux
50
Ta= 25C
476
Ta= 25C
Dominant Wavelength [nm]
-20 0 20 40 60
O
Forward Current IF [mA]
40
474
472
30
470
20
468
10
466
0 -40
80
100
464
0
20
40
60
80
100
Ambient Temperature TA [ C]
Forward Current [mA]
Ambient Temperature vs. Forward Current
Forward Current vs. Dominant Wavelength
-5-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
HB320
1.2
IF= 40mA
4.0
IF= 40mA
1.0
Relative Luminousity Flux
0.8
Forward Voltage [V]
3.8
0.6
3.6
0.4
3.4
0.2
0.0
3.2
0 20 40 60
o
80
100
0
20
40
60
o
80
100
Ambient Temperature Ta[ C]
Ambient Temperature Ta[ C]
Ambient Temperature vs. Relative Flux
Ambient Temperature vs. Forward Voltage
1.0
Ta= 25C, IF= 40mA
1.0
Ta= 25C, IF= 40mA
Relative Luminous Intensity
Relative Emission Intensity
0.8
0.6
0.5
0.4
0.2
0.0 400
500
600
700
0.0 -90
-60
-30
0
30
60
90
Wavelength [nm]
Off Axis Angle [deg.]
Spectrum
Directivity
-6-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Bin Code Description
Bin Code Luminous Flux C Dominant Wavelength 1 Forward Voltage 6
HB320
Flux (lm) @ IF = 40mA Bin Code A B C D E F G H J K L Min. 0.5 0.7 1.0 1.4 2.0 2.6 3.4 4.4 5.8 7.6 10.0 Max. 0.7 1.0 1.4 2.0 2.6 3.4 4.4 5.8 7.6 10.0 13.0
Dominant Wavelength (nm) @ IF = 40mA Bin Code 1 2 3 Min. 464 468 472 Max. 468 472 476
Forward Voltage (V) @ IF = 40mA Bin Code 1 2 3 4 5 6 7 8 9 Min. 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 Max. 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6
Available ranks
-7-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Packing
9.72 5.1 3.2
HB320
Unit : mm
0.6
2.6
5.8
13
4851
SEOUL SEMICONDUCTOR CO., LTD. HXXXX 60pcs BINOOO * Plastic tube 60pcs max/tube
HXXXX
QTY : 1800pcs
RANK
XXX
1800pcs max/pack (30tubes max/pack)
* Aluminum Sealing pack (in silica gel)
LOT : 200X.XX.XX
OOO
SEOUL SEMICONDUCTOR CO., LTD
21600pcs/box (12packs/box)
* Cardboard box (500x220x280) (21600pcs max/box) (12packs max/box)
-8-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Soldering Profile
1) Recommended Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 255 C (260C max) for 4 seconds (5 seconds max.) * Soak time above 200 C is 5 seconds
300
HB320
250
PEAK 4s (5s max) 255 C (260 C max)
Temperature [ C]
200
O
150
PREHEAT 20s (60s Max) 85 C(120 C max)
100
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 3 seconds at max. 350C, under Soldering iron.
3) Caution * Leadframes are silver plated copper alloy. This substance has a low thermal coefficient (easily conducts heat) * No closer than 1.5mm from the base of the stopper. * The LEDs must not be repositioned after soldering. * Do not apply any stress to the lead particularly when heat.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
-9-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
Precaution for Use
1) Storage
* Before opening the package
HB320
a. Avoid the absorption of moisture, we recommended to store High Flux LEDs in a dry box(or desiccator) with a desiccant . Otherwise, store them in the following environment: Temperature : 5~30 Humidity : 50% max. b. The products should be used in 3 months. It is recommended that the LEDs be used as soon as possible. * After opening the package a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40, Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, components should be dried for 10-12hr at 605 * Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. * Avoid quick cooling * Leadframes are silver plated copper alloy. The silver plate surface may be affected by environments which contains corrosive substances. Please avoid conditions which may cause the LEDs to corrode, tarnish or discolor. 2) Static Electricity * Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs.
-10-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)
BLUE HIGH FLUX LED
3) Heat Generation
HB320
* Thermal is one of the important parameters to design the end product. Please consider the heat generation of the LEDs. * The operating current should be decided after considering the ambient maximum temperature of LEDs.
4) Others * The color of the LEDs is changed slightly an operating current and thermal. * Anti radioactive ray design is not considered for the products listed here. * Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. * This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. * When the LEDs are illuminating, operating current should be decided after considering the junction temperature. Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5 * The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : +82-2-3281-6269 FAX :+82-2-858-5537 Homepage : www.seoulsemicon.com www.zled.com E-Store : www.zledstore.com E-mail : sscsale@seoulsemicon.com
-11-
<061201> Rev. 1.4
: QP-7-03-05 (Rev.00)


▲Up To Search▲   

 
Price & Availability of HB320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X